Part Number Hot Search : 
K100M UF804 DSPIC33F MA4ST240 K2475 5962F9 1N5256 MICONDUC
Product Description
Full Text Search
 

To Download 2C3501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. 2C3501
Chip Type 2C3501 Geometry 5620 Polarity NPN
Generic Packaged Parts: 2N3498, 2N3499, 2N3500, 2N3501
Chip type 2C3501 by Semicoa Semiconductors provides performance similar to these devices.
Part Numbers:
2N3498, 2N3498L, 2N3499, 2N3499L, 2N3500, 2N3500L, 2N3501, 2N3501L
Product Summary: APPLICATIONS: Designed for switching and amplifier applications. Features:
Mechanical Specifications
Metallization Bonding Pad Size Die Thickness Chip Area Top Surface Top Backside Emitter Base Al - 22.5 kA min. Au - 6.5 kA nom. 5.0 mils diameter 5.0 mils diameter 8 mils nominal 30 mils x 30 mils Silox Passivated
Electrical Characteristics
TA = 25oC
Parameter
BVCEO BVCBO BVEBO ICBO
Test conditions
IC = 10.0 mA, IB = 0 IC = 10 A, IE = 0 IE = 10 A, IC = 0 VCB = 75 Vc, IE = 0
Min
150 150 6.0 ---
Max
------50
Unit
V dc V dc V dc nA
hFE IC = 150 mA dc, VCE = 10.0 V 100 300 --Due to limitations of probe testing, only dc parameters are tested. This must be done with pulse width less than 300 s, duty cycle less than 2%.


▲Up To Search▲   

 
Price & Availability of 2C3501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X